Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5805 Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF5805
Descripción Electrónicos  Power MOSFET(Vdss=-30V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5805 Datasheet(HTML) 5 Page - International Rectifier

  IRF5805 Datasheet HTML 1Page - International Rectifier IRF5805 Datasheet HTML 2Page - International Rectifier IRF5805 Datasheet HTML 3Page - International Rectifier IRF5805 Datasheet HTML 4Page - International Rectifier IRF5805 Datasheet HTML 5Page - International Rectifier IRF5805 Datasheet HTML 6Page - International Rectifier IRF5805 Datasheet HTML 7Page - International Rectifier IRF5805 Datasheet HTML 8Page - International Rectifier IRF5805 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF5805
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
T , Case Temperature ( C)
°
C
VDS
VGS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Número de pieza similar - IRF5805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5805PBF IRF-IRF5805PBF Datasheet
204Kb / 9P
   Ultra Low On-Resistance
IRF5805PBF IRF-IRF5805PBF_15 Datasheet
204Kb / 9P
   Ultra Low On-Resistance
IRF5805TRPBF IRF-IRF5805TRPBF Datasheet
204Kb / 9P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF5805TRPBF VBSEMI-IRF5805TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - IRF5805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
   Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
   Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com