Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5805 Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF5805
Descripción Electrónicos  Power MOSFET(Vdss=-30V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5805 Datasheet(HTML) 6 Page - International Rectifier

  IRF5805 Datasheet HTML 1Page - International Rectifier IRF5805 Datasheet HTML 2Page - International Rectifier IRF5805 Datasheet HTML 3Page - International Rectifier IRF5805 Datasheet HTML 4Page - International Rectifier IRF5805 Datasheet HTML 5Page - International Rectifier IRF5805 Datasheet HTML 6Page - International Rectifier IRF5805 Datasheet HTML 7Page - International Rectifier IRF5805 Datasheet HTML 8Page - International Rectifier IRF5805 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF5805
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-VGS, Gate -to -Source Voltage (V)
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
ID = -3.8A
0
5
10
15
20
-ID , Drain Current ( A )
0.000
0.100
0.200
0.300
0.400
VGS = -4.5V
VGS = -10V
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors


Número de pieza similar - IRF5805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5805PBF IRF-IRF5805PBF Datasheet
204Kb / 9P
   Ultra Low On-Resistance
IRF5805PBF IRF-IRF5805PBF_15 Datasheet
204Kb / 9P
   Ultra Low On-Resistance
IRF5805TRPBF IRF-IRF5805TRPBF Datasheet
204Kb / 9P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF5805TRPBF VBSEMI-IRF5805TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - IRF5805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
   Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
   Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com