Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5806 Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRF5806
Descripción Electrónicos  Power MOSFET(Vdss=-20V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5806 Datasheet(HTML) 8 Page - International Rectifier

  IRF5806 Datasheet HTML 1Page - International Rectifier IRF5806 Datasheet HTML 2Page - International Rectifier IRF5806 Datasheet HTML 3Page - International Rectifier IRF5806 Datasheet HTML 4Page - International Rectifier IRF5806 Datasheet HTML 5Page - International Rectifier IRF5806 Datasheet HTML 6Page - International Rectifier IRF5806 Datasheet HTML 7Page - International Rectifier IRF5806 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF5806
8
www.irf.com
Tape & Reel Information
Micro6
8m m
F EED DIRECT IO N
4m m
NO T E S :
1 . O U T L IN E C O N F O R M S T O EIA-4 8 1 & EI A-5 4 1 .
9.9 0 ( .39 0 )
8.4 0 ( .33 1 )
17 8.00
( 7.008 )
M AX.
NO T ES:
1. C O N T RO L LIN G D IM E NSIO N : M ILLIM ET E R.
2. O U T L IN E CO N F O R M S TO EIA-4 81 & EIA- 541 .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice.10/00


Número de pieza similar - IRF5806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5806PBF IRF-IRF5806PBF Datasheet
203Kb / 9P
   Ultra Low On-Resistance
IRF5806PBF IRF-IRF5806PBF_15 Datasheet
203Kb / 9P
   Ultra Low On-Resistance
IRF5806TRPBF IRF-IRF5806TRPBF Datasheet
203Kb / 9P
   Ultra Low On-Resistance
More results

Descripción similar - IRF5806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
   Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
   Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
   Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com