Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5851 Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF5851
Descripción Electrónicos  Power MOSFET(Vdss = -20 V)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5851 Datasheet(HTML) 2 Page - International Rectifier

  IRF5851 Datasheet HTML 1Page - International Rectifier IRF5851 Datasheet HTML 2Page - International Rectifier IRF5851 Datasheet HTML 3Page - International Rectifier IRF5851 Datasheet HTML 4Page - International Rectifier IRF5851 Datasheet HTML 5Page - International Rectifier IRF5851 Datasheet HTML 6Page - International Rectifier IRF5851 Datasheet HTML 7Page - International Rectifier IRF5851 Datasheet HTML 8Page - International Rectifier IRF5851 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IRF5851
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
20
——
VGS = 0V, ID = 250µA
P-Ch -20
——
VGS = 0V, ID = -250µA
N-Ch
0.016
Reference to 25°C, ID = 1mA
P-Ch
— -0.011 —
Reference to 25°C, ID = -1mA
—— 0.090
VGS = 4.5V, ID = 2.7A
‚
—— 0.120
VGS = 2.5V, ID = 2.2A
‚
—— 0.135
VGS = -4.5V, ID = -2.2A
‚
—— 0.220
VGS = -2.5V, ID = -1.7A
‚
N-Ch 0.60
1.25
VDS = VGS, ID = 250µA
P-Ch -0.45
-1.2
VDS = VGS, ID = -250µA
N-Ch 5.2
——
VDS = 10V, ID = 2.7A
‚
P-Ch 3.5
——
VDS = -10V, ID = -2.2A
‚
N-Ch
——
1.0
VDS = 16 V, VGS = 0V
P-Ch
——
-1.0
VDS = -16V, VGS = 0V
N-Ch
——
25
VDS = 16 V, VGS = 0V, TJ = 70°C
P-Ch
——
-25
VDS = -16V, VGS = 0V, TJ = 70°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
±100
VGS = ± 12V
N-Ch
4.0
6.0
P-Ch
3.6
5.4
N-Ch
0.95
P-Ch
0.66
N-Ch
0.83
P-Ch
5.7
N-Ch
6.6
P-Ch
8.3
N-Ch
1.2
P-Ch
14
N-Ch
15
P-Ch
31
N-Ch
2.4
P-Ch
28
N-Ch
400
P-Ch
320
N-Ch
48
P-Ch
56
N-Ch
32
P-Ch
40
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
V
S
µA
nC
ns
pF
N-Channel
ID = 2.7A, VDS = 10V, VGS = 4.5V
‚
P-Channel
ID = -2.2A, VDS = -10V, VGS = -4.5V
N-Channel
VDD = 10V, ID = 1.0A, RG = 6.2Ω,
VGS = 4.5V
‚
P-Channel
VDD = -10V, ID = -1.0A, RG = 6.0Ω,
VGS = -4.5V
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 10 & 26 )
ƒ Surface mounted on FR-4 board, t ≤ 10sec.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
——
0.96
P-Ch
——
-0.96
N-Ch
——
11
P-Ch
——
-9.0
N-Ch
——
1.2
TJ = 25°C, IS = 0.96A, VGS = 0V
‚
P-Ch
——
-1.2
TJ = 25°C, IS = -0.96A, VGS = 0V
‚
N-Ch
25
38
P-Ch
23
35
N-Ch
6.5
9.8
P-Ch
7.7
12
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 0.96A, di/dt = 100A/µs
P-Channel
‚
TJ = 25°C, IF = -0.96A, di/dt = -100A/µs


Número de pieza similar - IRF5851

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5851PBF IRF-IRF5851PBF Datasheet
181Kb / 14P
   HEXFET짰 Power MOSFET
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
   Dual N and P Channel MOSFET
logo
VBsemi Electronics Co.,...
IRF5851TRPBF VBSEMI-IRF5851TRPBF Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Descripción similar - IRF5851

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7842 IRF-IRF7842 Datasheet
179Kb / 9P
   Power MOSFET(Vdss = 40 V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7478 IRF-IRF7478 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=60V)
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
   Power MOSFET(Vdss=-12V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com