Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART700DV Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza SMART700DV
Descripción Electrónicos  SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART700DV Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART700DV_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPro 120V 700VA 450W Line-Interactive Sine
Wave UPS, Dual Voltage, Extended Run, SNMP,
Webcard, Tower, USB, DB9 Serial
MODEL NUMBER: SMART700DV
Description
Tripp Lite's dual-voltage SMART700DV line-interactive UPS system maintains 120V nominal output when fed with North American 120V or international 230V
input voltage. Protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 54.5 min. half-load runtime and 22.2 min. full load runtime during power failures. 700VA/450W power handling capability supports a
variety of networking, telecom and other applications, including multiple network workstations. Includes 6 UPS-supported outlets. Supports remote monitoring
of UPS and site power conditions via built-in USB and RS-232 enabled DB9 ports. Works with PowerAlert UPS monitoring and unattended shutdown software
available via free download from www.tripplite.com. Includes complete USB and serial cabling. Built-in audible alarm and 5 front panel LEDs indicate status of
line power, battery power, battery low/replace, voltage regulation and load level. Network-grade AC surge suppression protects equipment from damage and
performance problems resulting from transient surges.
Features
Tripp Lite's dual-voltage SMART700DV line-interactive UPS system maintains 120V nominal output when fed with North American 120V or international
230V input voltage
Includes detachable input cord with NEMA 5-15P input plug
Built-in C14 inlet supports a variety of user-supplied international high- and low-voltage input cables
Protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges
Large internal batteries offer 54.5 min. half-load runtime and 22.2 min. full load runtime during power failures
700VA/450W power handling capability supports a variety of networking, telecom and various other applications types, including multiple network
workstations
Includes 6 UPS-supported outlets
Supports remote monitoring of UPS and site power conditions via built-in USB and RS-232 enabled DB9 ports
Works with PowerAlert UPS monitoring and unattended shutdown software, available via free download from www.tripplite.com
Includes complete USB and serial cabling
Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery power, battery low/replace, voltage regulation and load level
Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges
Highlights
700VA tower line interactive UPS
Maintains 120V output with 120V
or 230V input
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule
USB port, DB9 serial, EPO,
Enhanced runtime version
C14 inlet with NEMA 5-15P cable
and 6 5-15R outlets
Package Includes
SMART700DV UPS System
Detachable NEMA5-15P power
cord
USB cabling and DB9 serial
cabling
Manual with warranty information
1 / 4


Número de pieza similar - SMART700DV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
   SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
More results

Descripción similar - SMART700DV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART750XLA TRIPPLITE-SMART750XLA Datasheet
510Kb / 4P
   SmartPro 100-120V 750VA 500W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard,Tower, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART5000XFMRXL TRIPPLITE-SMART5000XFMRXL Datasheet
520Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com