Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART1050SLT Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

No. de pieza SMART1050SLT
Descripción Electrónicos  SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1050SLT Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART1050SLT_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1050SLT_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1050SLT_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1050SLT_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1050SLT_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC24-SLT
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 95 to 145 (120v),
87 to 133 (110v), 83 to 121 (100v)
Overvoltage Correction
Voltage reduction of 12% applies when input is 127 to 145 (120v), 116 to 133 (110v), 111 to 121 (100v)
Undervoltage Correction
Voltage boost of 14% applies when input is 95 to 108 (120v), 87 to 99 (110v), 83 to 90 (100v)
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; rear panel protected switches support
nominal voltage selection
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Audible alarm indicates power failure and overload conditions
LED Indicators
Status LEDs indicate line power, battery power, AVR, overload and replace battery status - with a 3-LED level
meter for load and battery charge level
Site Wiring Fault Indication
Rear panel site wiring fault LED
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
690
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.2 x 6.8 x 13.2
UPS Power Module Dimensions
(hwd, cm)
26 x 17.1 x 33.7
UPS Power Module Weight (lbs.)
36
UPS Power Module Weight (kg)
16.3
UPS Shipping Dimensions (hwd / in.)
14 x 9.8 x 18.5
UPS Shipping Dimensions (hwd /
cm)
35.6 x 24.8 x 47
Shipping Weight (lbs.)
39.6
3 / 5


Número de pieza similar - SMART1050SLT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
More results

Descripción similar - SMART1050SLT_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART750SLT TRIPPLITE-SMART750SLT Datasheet
507Kb / 5P
   SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART1500SLT TRIPPLITE-SMART1500SLT_15 Datasheet
508Kb / 5P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMX1050SLT TRIPPLITE-SMX1050SLT Datasheet
509Kb / 5P
   SmartPro 230V 1050VA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
logo
Tripp Lite. All Rights ...
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART750XLA TRIPPLITE-SMART750XLA Datasheet
510Kb / 4P
   SmartPro 100-120V 750VA 500W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard,Tower, USB, DB9 Serial
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com