Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF640NS Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF640NS
Descripción Electrónicos  Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF640NS Datasheet(HTML) 4 Page - International Rectifier

  IRF640NS Datasheet HTML 1Page - International Rectifier IRF640NS Datasheet HTML 2Page - International Rectifier IRF640NS Datasheet HTML 3Page - International Rectifier IRF640NS Datasheet HTML 4Page - International Rectifier IRF640NS Datasheet HTML 5Page - International Rectifier IRF640NS Datasheet HTML 6Page - International Rectifier IRF640NS Datasheet HTML 7Page - International Rectifier IRF640NS Datasheet HTML 8Page - International Rectifier IRF640NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.irf.com
4
IRF640N/S/L
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0.1
1
10
100
1000
0.1
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
20
40
60
80
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
11A
V
= 40V
DS
V
= 100V
DS
V
= 160V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°


Número de pieza similar - IRF640NS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
IRF640NS FAIRCHILD-IRF640NS Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
IRF640NS IRF-IRF640NS Datasheet
248Kb / 12P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
logo
International Rectifier
IRF640NSPBF IRF-IRF640NSPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRF640NS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com