Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7700 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7700
Descripción Electrónicos  Power MOSFET(Vdss=-20V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7700 Datasheet(HTML) 1 Page - International Rectifier

  IRF7700 Datasheet HTML 1Page - International Rectifier IRF7700 Datasheet HTML 2Page - International Rectifier IRF7700 Datasheet HTML 3Page - International Rectifier IRF7700 Datasheet HTML 4Page - International Rectifier IRF7700 Datasheet HTML 5Page - International Rectifier IRF7700 Datasheet HTML 6Page - International Rectifier IRF7700 Datasheet HTML 7Page - International Rectifier IRF7700 Datasheet HTML 8Page - International Rectifier IRF7700 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 93894A
HEXFET® power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design , that Inter-
national Rectifier is well known for,
provides the de-
signer with an extremely efficient and reliable device
for use in battery and load management.
The TSSOP-8 package, has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium.
The low profile (<1.1mm) of the TSSOP-8 will allow it to fit
easily into extremely thin application environments such
as portable electronics and PCMCIA cards.
IRF7700
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.1mm)
l Available in Tape & Reel
TSSOP-8
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ -4.5V
±8.6
ID @ TC = 70°C
Continuous Drain Current, VGS @ -4.5V
±6.8
A
IDM
Pulsed Drain Current

±68
PD @TC = 25°C
Power Dissipation
1.5
PD @TC = 70°C
Power Dissipation
0.96
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
83
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
6/19/00
VDSS
RDS(on) max
ID
-20V
0.015@VGS = -4.5V
-8.6A
0.024@VGS = -2.5V
-7.3A
4 = G
3 = S
2 = S
1 = D
1
2
3
4
G
D
S
5
6
7
8
8 = D
7 = S
6 = S
5 = D


Número de pieza similar - IRF7700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7700GPBF IRF-IRF7700GPBF Datasheet
246Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
More results

Descripción similar - IRF7700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
   Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
   Power MOSFET(Vdss=-20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
   Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com