Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7702 Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF7702
Descripción Electrónicos  Power MOSFET(Vdss=-12V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7702 Datasheet(HTML) 4 Page - International Rectifier

  IRF7702 Datasheet HTML 1Page - International Rectifier IRF7702 Datasheet HTML 2Page - International Rectifier IRF7702 Datasheet HTML 3Page - International Rectifier IRF7702 Datasheet HTML 4Page - International Rectifier IRF7702 Datasheet HTML 5Page - International Rectifier IRF7702 Datasheet HTML 6Page - International Rectifier IRF7702 Datasheet HTML 7Page - International Rectifier IRF7702 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7702
4
www.irf.com
PROVISIONAL
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Threshold Voltage Vs. Temperature
1
10
100
0
1000
2000
3000
4000
5000
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
20
40
60
80
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
I =
D
-8.0A
V
= -9.6V
DS
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
0.20
0.40
0.60
0.80
ID = -250µA
1
10
100
1000
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms


Número de pieza similar - IRF7702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7702 IRF-IRF7702 Datasheet
144Kb / 8P
   Ultra Low On-Resistance
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
   HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
   Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
IRF7702PBF IRF-IRF7702PBF Datasheet
184Kb / 8P
   HEXFET Power MOSFET
IRF7702TR IRF-IRF7702TR Datasheet
144Kb / 8P
   Ultra Low On-Resistance
More results

Descripción similar - IRF7702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7701 IRF-IRF7701 Datasheet
147Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7476 IRF-IRF7476 Datasheet
111Kb / 8P
   Power MOSFET(Vdss=12V, Id=15A)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com