Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7755 Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF7755
Descripción Electrónicos  Power MOSFET(Vdss=-20V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7755 Datasheet(HTML) 4 Page - International Rectifier

  IRF7755 Datasheet HTML 1Page - International Rectifier IRF7755 Datasheet HTML 2Page - International Rectifier IRF7755 Datasheet HTML 3Page - International Rectifier IRF7755 Datasheet HTML 4Page - International Rectifier IRF7755 Datasheet HTML 5Page - International Rectifier IRF7755 Datasheet HTML 6Page - International Rectifier IRF7755 Datasheet HTML 7Page - International Rectifier IRF7755 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7755
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
I =
D
-3.7A
V
=-16V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
1
10
100
0
400
800
1200
1600
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Número de pieza similar - IRF7755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7755GPBF IRF-IRF7755GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
More results

Descripción similar - IRF7755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
   Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
   Power MOSFET(Vdss=-20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
   Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com