Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3510M04-T2B Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza NE3510M04-T2B
Descripción Electrónicos  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3510M04-T2B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NE3510M04-T2B Datasheet HTML 2Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 3Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 4Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 5Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 6Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 7Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 8Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 9Page - Renesas Technology Corp NE3510M04-T2B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PG10676EJ02V0DS
4
NE3510M04
Input Power Pin (1 tone) (dBm)
GATE CURRENT vs. INPUT POWER
OUTPUT POWER, GAIN, DRAIN CURRENT,
vs. INPUT POWER
OUTPUT POWER, IM3, DRAIN CURRENT
Input Power Pin (1 tone) (dBm)
20
15
5
10
0
–10
–5
15
20
15
5
0
–5
–10
10
Pout (1 tone)
IG
Gain
ID
60
50
40
30
20
10
0
f = 4 GHz, VDS = 2 V
ID = 15 mA set (Non-RF)
40
0
–10
–30
–20
10
30
20
–10
–20
–30
–40
–50
–60
–70
10
0
f = 4 GHz, VDS = 2 V
ID = 15 mA set (Non-RF)
Pout
IM3 (L)
IM3 (H)
IIP3 = +4 dBm
ID
50
45
40
35
30
25
20
15
10
5
0
OIP3 = +20 dBm
Remark The graphs indicate nominal characteristics.


Número de pieza similar - NE3510M04-T2B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3510M04-T2 CEL-NE3510M04-T2 Datasheet
180Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3510M04-T2-A CEL-NE3510M04-T2-A Datasheet
180Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results

Descripción similar - NE3510M04-T2B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com