Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3503M04 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza NE3503M04
Descripción Electrónicos  C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3503M04 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NE3503M04 Datasheet HTML 1Page - Renesas Technology Corp NE3503M04 Datasheet HTML 2Page - Renesas Technology Corp NE3503M04 Datasheet HTML 3Page - Renesas Technology Corp NE3503M04 Datasheet HTML 4Page - Renesas Technology Corp NE3503M04 Datasheet HTML 5Page - Renesas Technology Corp NE3503M04 Datasheet HTML 6Page - Renesas Technology Corp NE3503M04 Datasheet HTML 7Page - Renesas Technology Corp NE3503M04 Datasheet HTML 8Page - Renesas Technology Corp NE3503M04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet PG10456EJ03V0DS
2
NE3503M04
RECOMMENDED OPERATING CONDITIONS (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
1
2
3
V
Drain Current
ID
5
10
15
mA
Input Power
Pin
0
dBm
ELECTRICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Gate to Source Leak Current
IGSO
VGS =
−3.0 V
0.5
10
μA
Saturated Drain Current
IDSS
VDS = 2 V, VGS = 0 V
25
40
70
mA
Gate to Source Cutoff Voltage
VGS (off)
VDS = 2 V, ID = 100
μA
−0.2
−0.7
−1.5
V
Transconductance
gm
VDS = 2 V, ID = 10 mA
40
55
mS
Noise Figure
NF
VDS = 2 V, ID = 10 mA, f = 12 GHz
0.45
0.65
dB
Associated Gain
Ga
11.0
12.0
dB
<R>
<R>
<R>
<R>
<R>
<R>


Número de pieza similar - NE3503M04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3503M04 CEL-NE3503M04 Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-A CEL-NE3503M04-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-T2-A CEL-NE3503M04-T2-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
More results

Descripción similar - NE3503M04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com