Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF4905 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No. de pieza IRF4905
Descripción Electrónicos  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF4905 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF4905 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF4905 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
1 0
1 0 0
DS
20µs PU LS E W ID TH
T
= 2 5°C
c
A
-V
, Drain -to -So urce Vo ltag e (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTT OM - 4. 5V
-4.5 V
1
10
100
1000
0.1
1
10
100
DS
A
-V
, Dra in -to-So urce V oltag e (V )
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTT OM - 4. 5V
-4.5 V
20µs PU LSE W ID TH
T
= 1 75°C
C
1
10
100
1000
456789
1 0
T = 25°C
J
GS
A
-V
, Ga te -to -S o u rce V olta g e (V )
V
= -2 5 V
20µs P U LS E W ID T H
DS
T = 1 75°C
J
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Ju nction T em pe rature (°C )
A
V
= -10 V
GS
I
= -6 4A
D
Fig 2. Typical Output Characteristics
IRF4905
2014-8-10
3
www.kersemi.com


Número de pieza similar - IRF4905

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
logo
Inchange Semiconductor ...
IRF4905 ISC-IRF4905 Datasheet
65Kb / 2P
   isc N-Channel Mosfet Transistor
IRF4905 ISC-IRF4905 Datasheet
335Kb / 2P
   P-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRF4905L IRF-IRF4905L Datasheet
163Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
More results

Descripción similar - IRF4905

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com