Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9Z34NL Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF9Z34NL
Descripción Electrónicos  Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z34NL Datasheet(HTML) 1 Page - International Rectifier

  IRF9Z34NL Datasheet HTML 1Page - International Rectifier IRF9Z34NL Datasheet HTML 2Page - International Rectifier IRF9Z34NL Datasheet HTML 3Page - International Rectifier IRF9Z34NL Datasheet HTML 4Page - International Rectifier IRF9Z34NL Datasheet HTML 5Page - International Rectifier IRF9Z34NL Datasheet HTML 6Page - International Rectifier IRF9Z34NL Datasheet HTML 7Page - International Rectifier IRF9Z34NL Datasheet HTML 8Page - International Rectifier IRF9Z34NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9Z34NS/L
HEXFET® Power MOSFET
PD - 9.1525
l Advanced Process Technology
l Surface Mount (IRF9Z34NS)
l Low-profile through-hole (IRF9Z34NL)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
8/25/97
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
…
-19
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
…
-14
A
IDM
Pulsed Drain Current
…
-68
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
180
mJ
IAR
Avalanche Current

-10
A
EAR
Repetitive Avalanche Energy

6.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRF9Z34NL) is available for low-
profile applications.
Description
VDSS = -55V
RDS(on) = 0.10Ω
ID = -19A
2
D
P a k
T O - 262


Número de pieza similar - IRF9Z34NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
IRF9Z34NL KERSEMI-IRF9Z34NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NL ISC-IRF9Z34NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9Z34NLPBF IRF-IRF9Z34NLPBF Datasheet
1Mb / 11P
   Advanced Process Technology
More results

Descripción similar - IRF9Z34NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFD024 IRF-IRFD024 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRLD024 IRF-IRLD024 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRFB23N20D IRF-IRFB23N20D Datasheet
196Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.10ohm, Id=24A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com