Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFBC40A Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRFBC40A
Descripción Electrónicos  Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40A Datasheet(HTML) 3 Page - International Rectifier

  IRFBC40A Datasheet HTML 1Page - International Rectifier IRFBC40A Datasheet HTML 2Page - International Rectifier IRFBC40A Datasheet HTML 3Page - International Rectifier IRFBC40A Datasheet HTML 4Page - International Rectifier IRFBC40A Datasheet HTML 5Page - International Rectifier IRFBC40A Datasheet HTML 6Page - International Rectifier IRFBC40A Datasheet HTML 7Page - International Rectifier IRFBC40A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFBC40A
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics,
Fig 1. Typical Output Characteristics,
Fig 3. Typical Transfer Characteristics
J
J
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
5.9A
6.2A


Número de pieza similar - IRFBC40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
151Kb / 8P
   Power MOSFET
S-81262-Rev. B, 07-Jul-08
logo
Inchange Semiconductor ...
IRFBC40A ISC-IRFBC40A Datasheet
328Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
284Kb / 9P
   Power MOSFET
02-Oct-12
logo
International Rectifier
IRFBC40APBF IRF-IRFBC40APBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBC40APBF VISHAY-IRFBC40APBF Datasheet
284Kb / 9P
   Power MOSFET
02-Oct-12
More results

Descripción similar - IRFBC40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com