Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ181(L) Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SJ181(L)
Descripción Electrónicos  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ181(L) Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ181(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SJ181(L), 2SJ181(S)
Preliminary
R07DS0395EJ0300 Rev.3.00
Page 3 of 6
May 16, 2011
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–1.0
0
–0.2
–0.4
–0.6
–0.8
0
–10
–20
–30
–40
–50
–0.5
0
–0.1
–0.2
–0.3
–0.4
0
–2–4–6–8
–10
Tc = –25°C
25°C
75°C
40
0
10
20
30
0
50
100
150
200
VDS = –20 V
Pulse Test
–10 V
–4.5 V
–5 V
VGS = –4 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
–3
–1
–0.3
–0.1
–0.01
–0.03
–10
–20
–50 –100 –200
–500 –1000
–10
Ta = 25°C
10
μs
PW
= 10
ms
(1
shot)
DC
Oper
ation
(Tc
= 25°C)
1 ms
100
μs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–20
0
–4
–8
–12
–16
0
–4
–8
–12
–16
–20
Pulse Test
ID = –0.5 A
–0.1 A
–0.2 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
100
50
10
20
5
–0.1
–0.5
–1
–0.02
–0.2
–2
–0.05
500
200
VGS = –10 V
–15 V
Pulse Test
–6 V


Número de pieza similar - 2SJ181(L)_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ181 HITACHI-2SJ181 Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181 RENESAS-2SJ181 Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ181L HITACHI-2SJ181L Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181L RENESAS-2SJ181L Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181L-E RENESAS-2SJ181L-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ181(L)_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com