Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFU9024N Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRFU9024N
Descripción Electrónicos  Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFU9024N Datasheet(HTML) 5 Page - International Rectifier

  IRFU9024N Datasheet HTML 1Page - International Rectifier IRFU9024N Datasheet HTML 2Page - International Rectifier IRFU9024N Datasheet HTML 3Page - International Rectifier IRFU9024N Datasheet HTML 4Page - International Rectifier IRFU9024N Datasheet HTML 5Page - International Rectifier IRFU9024N Datasheet HTML 6Page - International Rectifier IRFU9024N Datasheet HTML 7Page - International Rectifier IRFU9024N Datasheet HTML 8Page - International Rectifier IRFU9024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U9024N
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
25
50
75
100
125
150
0.0
3.0
6.0
9.0
12.0
T , Case Temperature
( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Número de pieza similar - IRFU9024N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
IRFU9024N KERSEMI-IRFU9024N Datasheet
2Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFU9024N ISC-IRFU9024N Datasheet
305Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRFU9024NCPBF IRF-IRFU9024NCPBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   HEXFET Power MOSFET
More results

Descripción similar - IRFU9024N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com