Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML5103 Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRLML5103
Descripción Electrónicos  Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103 Datasheet(HTML) 4 Page - International Rectifier

  IRLML5103 Datasheet HTML 1Page - International Rectifier IRLML5103 Datasheet HTML 2Page - International Rectifier IRLML5103 Datasheet HTML 3Page - International Rectifier IRLML5103 Datasheet HTML 4Page - International Rectifier IRLML5103 Datasheet HTML 5Page - International Rectifier IRLML5103 Datasheet HTML 6Page - International Rectifier IRLML5103 Datasheet HTML 7Page - International Rectifier IRLML5103 Datasheet HTML 8Page - International Rectifier IRLML5103 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLML5103
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
20
40
60
80
100
120
140
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0.0
1.0
2.0
3.0
4.0
5.0
G
A
Q , Total Gate Charge (nC)
V
= -24V
V
= -15V
DS
DS
FOR TEST CIRCUIT
SEE FIGURE 9
I
= -0.60A
D
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
0.1
1
10
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
A
-V
, Drain-to-Source Voltage (V)
DS
A
J
100µs
1ms
10ms


Número de pieza similar - IRLML5103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML5103 IRF-IRLML5103 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML5103 HOTTECH-IRLML5103 Datasheet
550Kb / 4P
   Power MOSFET
logo
Guangdong Youtai Semico...
IRLML5103 UMW-IRLML5103 Datasheet
428Kb / 6P
   Generation VTechnology
logo
International Rectifier
IRLML5103GPBF IRF-IRLML5103GPBF Datasheet
242Kb / 8P
   HEXFET POWER MOSFET
IRLML5103GTRPBF IRF-IRLML5103GTRPBF Datasheet
223Kb / 8P
   Generation V Technology
More results

Descripción similar - IRLML5103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com