Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLU120N Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRLU120N
Descripción Electrónicos  Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU120N Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLU120N Datasheet HTML 2Page - International Rectifier IRLU120N Datasheet HTML 3Page - International Rectifier IRLU120N Datasheet HTML 4Page - International Rectifier IRLU120N Datasheet HTML 5Page - International Rectifier IRLU120N Datasheet HTML 6Page - International Rectifier IRLU120N Datasheet HTML 7Page - International Rectifier IRLU120N Datasheet HTML 8Page - International Rectifier IRLU120N Datasheet HTML 9Page - International Rectifier IRLU120N Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLR/U120N
6
www.irf.com
QG
QGS
QGD
VG
Charge
5.0 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
tp
D.U .T
L
V DS
+
-
VDD
DRIV E R
A
15V
10V
0
40
80
120
160
200
25
50
75
100
125
150
175
J
A
S tarting T , J u nc tion T em perature (°C )
I
TO P
2 .4 A
4 .2 A
BO T TO M
6 .0A
D


Número de pieza similar - IRLU120N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRLU120N ISC-IRLU120N Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU120NPBF IRF-IRLU120NPBF Datasheet
275Kb / 11P
   Advanced Process Technology
More results

Descripción similar - IRLU120N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com