Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD300N16PC Datasheet(PDF) 1 Page - International Rectifier

No. de pieza SD300N16PC
Descripción Electrónicos  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD300N16PC Datasheet(HTML) 1 Page - International Rectifier

  SD300N16PC Datasheet HTML 1Page - International Rectifier SD300N16PC Datasheet HTML 2Page - International Rectifier SD300N16PC Datasheet HTML 3Page - International Rectifier SD300N16PC Datasheet HTML 4Page - International Rectifier SD300N16PC Datasheet HTML 5Page - International Rectifier SD300N16PC Datasheet HTML 6Page - International Rectifier SD300N16PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD300N/R
16 to 20
25 to 32
Features
Wide current range
High voltage ratings up to 3200V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
I
F(AV)
380
380
A
@ T
C
100
70
°C
I
F(RMS)
595
425
A
I
FSM
@ 50Hz
6050
6050
A
@ 60Hz
6335
6335
A
I2t@ 50Hz
183
183
KA2s
@ 60Hz
167
167
KA2s
V
RRM
range
1600 to 2000
2500 to 3200
V
T
J
- 40 to 180
- 40 to 150
°C
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
SD300N/R SERIES
STANDARD RECOVERY DIODES
Stud Version
1
380A
Bulletin I2081 rev. C 03/03
www.irf.com


Número de pieza similar - SD300N16PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
SD300N16PC NJSEMI-SD300N16PC Datasheet
149Kb / 1P
   Standard Recovery
SD300N16PC NJSEMI-SD300N16PC Datasheet
149Kb / 1P
   Standard Recovery
More results

Descripción similar - SD300N16PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com