Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD300N20PC Datasheet(PDF) 6 Page - International Rectifier

No. de pieza SD300N20PC
Descripción Electrónicos  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD300N20PC Datasheet(HTML) 6 Page - International Rectifier

  SD300N20PC Datasheet HTML 1Page - International Rectifier SD300N20PC Datasheet HTML 2Page - International Rectifier SD300N20PC Datasheet HTML 3Page - International Rectifier SD300N20PC Datasheet HTML 4Page - International Rectifier SD300N20PC Datasheet HTML 5Page - International Rectifier SD300N20PC Datasheet HTML 6Page - International Rectifier SD300N20PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD300N/R Series
6
www.irf.com
Bulletin I2081 rev. C 03/03
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
1500
2000
2500
3000
3500
4000
4500
5000
5500
110
100
Number Of Eq ual Amplitude Half Cycle Current Pulses (N)
SD300N/ RSeries
Initial T = T max.
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration.
Maximum Non Repetitive Surge Current
SD300N/ RSeries
Initial T = T max.
No Voltage Reapplied
Rated V
Reapplied
RRM
J
J
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.1
K/W
0.0
6
K/
W
0.2
K/ W
0.4 K
/ W
0.8 K/ W
1.8 K/W
0
100
200
300
400
500
600
700
0
50
100 150200 250300 350400
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average Forward Current (A)
SD300N/ RSeries
(2500V to 3200V)
T = 150°C
J
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
2
K/
W
- D
elt
a
R
0.0
6
K/
W
0.1
K/ W
1.8 K/ W
0.8 K/ W
0.4 K/
W
0.2
K/W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uction Period
Average Forward Current (A)
SD300N/ RSeries
(2500V to 3200V)
T = 150°C
J


Número de pieza similar - SD300N20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
SD300N20PC NJSEMI-SD300N20PC Datasheet
149Kb / 1P
   Standard Recovery
More results

Descripción similar - SD300N20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com