Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD400N04MBV Datasheet(PDF) 5 Page - International Rectifier

No. de pieza SD400N04MBV
Descripción Electrónicos  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD400N04MBV Datasheet(HTML) 5 Page - International Rectifier

  SD400N04MBV Datasheet HTML 1Page - International Rectifier SD400N04MBV Datasheet HTML 2Page - International Rectifier SD400N04MBV Datasheet HTML 3Page - International Rectifier SD400N04MBV Datasheet HTML 4Page - International Rectifier SD400N04MBV Datasheet HTML 5Page - International Rectifier SD400N04MBV Datasheet HTML 6Page - International Rectifier SD400N04MBV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD400N/R Series
Outline Table
DO-205AB (DO-9) Flag
All dimensions in millimeters (inches)
CERAMIC HOUSING
21 (0.83)
DIA. 6.5 (0.25)
DIA. 27.5 (1.08) MAX.
3/4"-16UNF-2A*
*FOR METRIC DEVICE. M16 X 1.5
14 (0.55)
GLASS-METAL SEAL
DIA. 28.5 (1.12) MAX.
21 (0.83)
14 (0.55)
DIA. 6.5 (0.26)
3/4"-16UNF-2A*
*FOR METRIC DEVICE: M16 X 1.5
To Order
Next Data Sheet
Index
Previous Datasheet


Número de pieza similar - SD400N04MBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD400N/R16 VISHAY-SD400N/R16 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R20 VISHAY-SD400N/R20 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R24 VISHAY-SD400N/R24 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
More results

Descripción similar - SD400N04MBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com