Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD253R12S15MSV Datasheet(PDF) 3 Page - International Rectifier |
|
SD253R12S15MSV Datasheet(HTML) 3 Page - International Rectifier |
3 / 7 page SD253N/R Series 3 www.irf.com Bulletin I2065 rev. A 09/94 Thermal and Mechanical Specification Parameter SD253N/R Units Conditions °C T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case 0.115 DC operation R thCS Max. thermal resistance, case to heatsink 0.08 Mounting surface, smooth, flat and greased T Mounting torque ± 10% 31 Not lubricated threads 24.5 Lubricated threads wt Approximate weight 250 g Case style DO-205AB (DO-9) See Outline Table K/W Nm ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) 180° 0.010 0.008 T J = TJ max. 120° 0.013 0.014 90° 0.017 0.019 K/W 60° 0.025 0.027 30° 0.044 0.044 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions 1 - Diode 2 - Essential part number 3 - 3 = Fast recovery 4 - N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 5 - Voltage code: Code x 100 = V RRM (see Voltage Ratings table) 6 -t rr code (see Recovery Characteristics table) 7 - P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A M = Stud base DO-205AB (DO-9) M16 X 1.5 8 -7 B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead 9 - V = Glass-metal seal 5 1 2 3 4 SD 25 3 R 16 S20 P B V 7 6 89 Device Code Ordering Information Table |
Número de pieza similar - SD253R12S15MSV |
|
Descripción similar - SD253R12S15MSV |