Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD101BW Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza SD101BW
Descripción Electrónicos  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SD101BW Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SD101BW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SD101BW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
SD101AW-SD101CW SCHOTTKY DIODES
FEATURES
MARKING:
SD101AW:
S1
SD101BW:
S2
SD101CW:
S3
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
SD101AW
SD101BW
SD101CW
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current
IFM
15
mA
Repetitive Peak Forward Current @t<1.0s
@t=10µs
IFRM
50
2.0
mA
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to Ambient
RθJA
300
/W
Storage temperature
TSTG
-65~+125
Electrical Ratings @TA=25
Parameter
Symb
ol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD101AW
SD101BW
SD101CW
V (BR)R
60
50
40
V
IR=10µA
IR=10µA
IR=10µA
Forward voltage
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VF
0.41
0.40
0.39
1.00
0.95
0.90
V
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
Reverse current
SD101AW
SD101BW
SD101CW
IRM
0.2
µA
VR=50V
VR=40V
VR=30V
Capacitance between terminals
SD101AW
SD101BW
SD101CW
CT
2.0
2.1
2.2
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
1.0ns
IF=IR=5mA
Irr=0.1XIR,RL=100Ω
SOD-123
SD101AW-SD101CW
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - SD101BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SD101BW DIOTEC-SD101BW Datasheet
137Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Diodes Incorporated
SD101BW DIODES-SD101BW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Weitron Technology
SD101BW WEITRON-SD101BW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SD101BW SECOS-SD101BW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
Galaxy Semi-Conductor H...
SD101BW BILIN-SD101BW Datasheet
194Kb / 3P
   Schottky Barrier Diode
More results

Descripción similar - SD101BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com