Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA24-600B Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

No. de pieza BTA24-600B
Descripción Electrónicos  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-600B Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button BTA24-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BTA24-600B Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2
Ordering information scheme
Figure 12.
BTA and BTB series
Figure 13.
T25 series
Table 6.
Product Selector
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA24-xxxBRG
X
X
50 mA
Standard
TO-220AB
BTA/BTB(1)24-xxxBWRG
1.
BTB: non insulated TO-220AB package
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB(1)24-xxxCWRG
X
X
35 mA
Snubberless
TO-220AB
BTA25-xxxBRG
X
X
50 mA
Standard
RD91
BTA25-xxxBWRG
X
X
50 mA
Snubberless
RD91
BTA25-xxxCWRG
X
X
35 mA
Snubberless
RD91
BTA26-xxxBRG
X
X
50 mA
Standard
TOP3 Ins.
BTA26-xxxBWRG
X
X
50 mA
Snubberless
TOP3 Ins.
BTA26-xxxCWRG
X
X
35 mA
Snubberless
TOP3 Ins.
T2535-xxxG
X
X
35 mA
Snubberless
D2PAK
BT A 24 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
24 = 25A in TO-220AB
25 = 25A in RD91
26 = 25A in TOP3
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
CW = 35mA
RG = Tube
Snubberless
T 25 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
25 = 25A
35 = 35mA
600 = 600V
800 = 800V
G = D PAK
Blanck = Tube
-TR = Tape & Reel
2
BTA24, BTB24, BTA25, BTA26
and T25 series
2014-6-16
www.kersemi.com
6


Número de pieza similar - BTA24-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA24-600B STMICROELECTRONICS-BTA24-600B Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA24-600B ISC-BTA24-600B Datasheet
121Kb / 1P
   isc Triacs
logo
First Silicon Co., Ltd
BTA24-600B FS-BTA24-600B Datasheet
746Kb / 5P
   Bi-Directional Triode Thyristor
logo
Continental Device Indi...
BTA24-600B CDIL-BTA24-600B Datasheet
130Kb / 2P
   Triac Series
More results

Descripción similar - BTA24-600B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com