Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA24-800B Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

No. de pieza BTA24-800B
Descripción Electrónicos  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800B Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button BTA24-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
BTA24, BTB24, BTA25, BTA26
and T25 series
Table 10.
TO-220AB (Insulated and non-insulated) Package dimensions
2014-6-16
www.kersemi.com
10


Número de pieza similar - BTA24-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA24-800B STMICROELECTRONICS-BTA24-800B Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA24-800B ISC-BTA24-800B Datasheet
193Kb / 1P
   isc Triacs
logo
First Silicon Co., Ltd
BTA24-800B FS-BTA24-800B Datasheet
658Kb / 5P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Descripción similar - BTA24-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com