Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3480 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SK3480
Descripción Electrónicos  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3480 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3480_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3480_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS FIELD EFFECT TRANSISTOR
2SK3480
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D15078EJ1V0DS00 (1st edition)
Date Published
December 2001 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3480 is N-channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Super low on-state resistance:
RDS(on)1 = 31 m
Ω MAX. (VGS = 10 V, ID = 25 A)
RDS(on)2 = 36 m
Ω MAX. (VGS = 4.5 V, ID = 25 A)
• Low Ciss: Ciss = 3600 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
100
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±50
A
Drain Current (pulse)
Note1
ID(pulse)
±100
A
Total Power Dissipation (TC = 25°C)
PT1
84
W
Total Power Dissipation (TA = 25°C)
PT2
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
34
A
Single Avalanche Energy
Note2
EAS
116
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, RG = 25
Ω, VGS = 20
→ 0 V
THERMAL RESISTANCE
Channel to Case
Rth(ch-C)
1.48
°C/W
Channel to Ambient
Rth(ch-A)
83.3
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3480
TO-220AB
2SK3480-S
TO-262
2SK3480-ZJ
TO-263
2SK3480-Z
TO-220SMD
Note
Note TO-220SMD package is produced only
in Japan.
(TO-220AB)
(TO-262)
(TO-263, TO-220SMD)


Número de pieza similar - 2SK3480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK3480-S NEC-2SK3480-S Datasheet
77Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2SK3480-S ISC-2SK3480-S Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3480-S RENESAS-2SK3480-S Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3480-Z NEC-2SK3480-Z Datasheet
77Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2SK3480-Z ISC-2SK3480-Z Datasheet
402Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3480_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com