Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM336-2.5 Datasheet(PDF) 3 Page - Linear Technology

No. de pieza LM336-2.5
Descripción Electrónicos  2.5V Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LM336-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LM336-2.5 Datasheet HTML 1Page - Linear Technology LM336-2.5 Datasheet HTML 2Page - Linear Technology LM336-2.5 Datasheet HTML 3Page - Linear Technology LM336-2.5 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LM136-2.5/LM336-2.5
TYPICAL PERFOR A CE CHARACTERISTICS
Reverse Characteristics
Forward Characteristics
Temperature Drift
Dynamic Impedance
Zener Noise Voltage
Response Time
SCHE ATIC DIAGRA
136/336 SD
30pF
20pF
Q2
Q1
Q3
Q5
Q4
Q6
Q12
Q14
Q13
10k
30k
2k
1.1k
6.6k
500
6.6k
24k
24k
50k
Q18
Q15
Q11
Q10
Q8
Q7
Q16
Q17
Q9
ADJ
+
REVERSE VOLTAGE (V)
0.6
2.2
136/336 • G01
1.0
1.4
1.8
2.6
10–1
10–2
10–3
10–4
10–5
Tj = 125°C
Tj = –55°C
Tj = 25°C
FORWARD CURRENT (mA)
0.001
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
136/336 G02
Tj = 25°C
TEMPERATURE (
°C)
–55
2.59
2.57
2.55
2.53
2.51
2.49
2.47
2.45
2.43
2.41
2.39
2.37
85 105
136/336 G03
–35
25
5
–15
45
65
125
IR = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
100
10
1
0.1
136/336 G04
IR = 1mA
–55
°C ≤ Tj ≤ 125°C
FREQUENCY (Hz)
10
10k
100k
136/336 G05
100
1k
250
200
150
100
50
IR = 1mA
Tj = 25°C
TIME (
µs)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
12
8
4
0
120
136/336 G06
OUTPUT
INPUT
5.1k
OUTPUT
INPUT
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Número de pieza similar - LM336-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM336-2.5 TI-LM336-2.5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
Fairchild Semiconductor
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Linear Technology
LM336-2.5 LINER-LM336-2.5 Datasheet
131Kb / 4P
   2.5V Reference
logo
Texas Instruments
LM336-2.5 TI-LM336-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
More results

Descripción similar - LM336-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com