Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385-2.5 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LM385-2.5
Descripción Electrónicos  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LM385-2.5 Datasheet(HTML) 4 Page - Linear Technology

  LM385-2.5_15 Datasheet HTML 1Page - Linear Technology LM385-2.5_15 Datasheet HTML 2Page - Linear Technology LM385-2.5_15 Datasheet HTML 3Page - Linear Technology LM385-2.5_15 Datasheet HTML 4Page - Linear Technology LM385-2.5_15 Datasheet HTML 5Page - Linear Technology LM385-2.5_15 Datasheet HTML 6Page - Linear Technology LM385-2.5_15 Datasheet HTML 7Page - Linear Technology LM385-2.5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LM185-2.5/
LM285-2.5/LM385-2.5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Reverse Characteristics
Forward Characteristics
Temperature Drift
FORWARD CURRENT (mA)
0.4
0.8
1.2
1.6
0.01
1
10
100
LM185-2.5 • TPC02
0
0.1
TA = 25°C
TEMPERATURE (
°C)
–55
2.480
2.485
2.495
2.500
2.505
2.515
–15
25
45
125
LM185-2.5 • TPC03
2.490
2.520
2.525
2.510
–35
5
65
85 105
Reverse Dynamic Impedance
Reverse Dynamic Impedance
Noise Voltage
FREQUENCY (Hz)
10
100
1k
10k
100k
LM185-2.5 • TPC05
10
1
0.1
100
1k
10k
1M
TA = 25°C
IR = 100µA
FREQUENCY (Hz)
600
800
1000
1200
1400
10
1k
10k
100k
LM185-2.5M • TPC06
0
100
400
200
CUTOFF FREQUENCY (Hz)
100
0
80
100
120
100k
1k
10k
LM185-2.5 • TPC07
60
40
20
100mA
R
C
RC LOW PASS
TIME (
µS)
2.0
3.0
LM185-2.5 • TPC08
1.0
0
0
500
5V
0
4.0
100
VOUT
VIN
24k
OUTPUT
INPUT
REVERSE CURRENT (mA)
1
10
100
1000
0.01
1
10
100
LM185-2.5 • TPC05
0.1
0.1
f = 25Hz
–55
°C TO 125°C
REVERSE VOLTAGE (V)
0
0.1
1
10
100
0.5
1.0
1.5
2.0
LM185-2.5 • TPC01
2.5
3.0
–55
°C TO 125°C
Filtered Output Noise
Response Time


Número de pieza similar - LM385-2.5_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM385-2.5-N TI1-LM385-2.5-N Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
logo
Analog Intergrations Co...
LM385-2.5CSBG AIC-LM385-2.5CSBG Datasheet
120Kb / 7P
   Micropower Voltage Reference
LM385-2.5CSTB AIC-LM385-2.5CSTB Datasheet
120Kb / 7P
   Micropower Voltage Reference
LM385-2.5CSTR AIC-LM385-2.5CSTR Datasheet
120Kb / 7P
   Micropower Voltage Reference
LM385-2.5CUBG AIC-LM385-2.5CUBG Datasheet
120Kb / 7P
   Micropower Voltage Reference
More results

Descripción similar - LM385-2.5_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com