Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F015006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza F015006
Descripción Electrónicos  FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F015006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  F015006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F015006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHYSICAL
Color
Black
CONNECTIONS
Connector A
9 PIN (MALE)
Connector B
9 PIN (MALE)
Number of Connectors
2
SPECIAL FEATURES
Chromebook Compatible
No
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Número de pieza similar - F015006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
More results

Descripción similar - F015006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
F015-006 TRIPPLITE-F015-006 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 6-ft.
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F019006 TRIPPLITE-F019006 Datasheet
483Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 6-ft
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F019-006 TRIPPLITE-F019-006 Datasheet
157Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/4pin M/M) 6-ft.
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F019010 TRIPPLITE-F019010 Datasheet
482Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 10-ft
F017-010 TRIPPLITE-F017-010 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 10-ft.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com