Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P005006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza P005006
Descripción Electrónicos  Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P005006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P005006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P005006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(IEC-320-C14 to IEC-320-C13), 6-ft.
MODEL NUMBER: P005-006
Description
Use Tripp Lite's P005-006 in server applications that require a higher rated, heavier gauge cable. C13 to C14 connectors, 3 x 14 AWG conductors, 15A rating,
100-250V.
Features
Molded, Heavy-Duty Power Cable, 6 ft.
IEC-60320-C13 to IEC-60320-C14
14 AWG x 3C, SJT, 15A, 100-250 Volt
RoHS Compliant
UL Listed
Specifications
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Connector B
IEC-320-C13
Highlights
C13 to C14 Power Cable, 6 ft.
14 AWG x 3C
15A / 100 - 250V
RoHS Compliant
UL Listed
Package Includes
C13 to C14 Power Cable, 6 ft.
1 / 2


Número de pieza similar - P005006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
P00500614RA TRIPPLITE-P00500614RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 6-ft
P005006BL TRIPPLITE-P005006BL Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Blue Plugs), 6-ft
P005006GN TRIPPLITE-P005006GN Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Green Plugs), 6-ft
P005006RD TRIPPLITE-P005006RD Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Red Plugs), 6-ft
More results

Descripción similar - P005006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P00512N TRIPPLITE-P00512N Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P00500614LA TRIPPLITE-P00500614LA Datasheet
512Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13, 6-ft
P00500614RA TRIPPLITE-P00500614RA Datasheet
509Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 6-ft
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P00518N TRIPPLITE-P00518N Datasheet
486Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
P005006BL TRIPPLITE-P005006BL Datasheet
485Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Blue Plugs), 6-ft
P005006YW TRIPPLITE-P005006YW Datasheet
483Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Yellow Plugs), 6-ft
P005006RD TRIPPLITE-P005006RD Datasheet
489Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13 with Red Plugs), 6-ft
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com