Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA378R30PI Datasheet(PDF) 5 Page - KEC(Korea Electronics) |
|
KIA378R30PI Datasheet(HTML) 5 Page - KEC(Korea Electronics) |
5 / 5 page 2001. 6. 28 5/5 KIA378R25PI~KIA378R37PI Revision No : 1 Fig.7 T - I JUNCTION TEMPERATURE T ( C) 0 -25 j q j 0 25 50 75 100 125 2 4 6 8 10 V =35V I =0 IN O Fig.8-1 f - RR INPUT RIPPLE FREQUENCY f (kHz) 0.1 0 10 20 30 40 50 60 70 80 110 100 I =0.5A,ei=0.5V V =4.2V(KIA378R25) O IN rms V =5.2V(KIA378R35) IN OUTPUT CURRENT I (A) V =18V(KIA378R35) V =7V(KIA378R25) C =3.3 µF 0.1 20 IN IN ref rms Fig.8-2 I - RR O O f=120Hz,ei=0.5V 0.5 1.0 30 40 50 60 70 V =4.7V(KIA378R30) IN V =15V(KIA378R33) IN V =5.0V(KIA378R33) IN V =5.4V(KIA378R37) IN V =10V(KIA378R30) IN V =21V(KIA378R37) IN Fig.6 T - V JUNCTION TEMPERATURE T ( C) 0 -25 j I =3A O D j 0 25 50 75 100 125 0.1 0.2 0.3 0.4 0.5 I =2A O I =1A O I =0.5A O Fig.5-1 T - V (KIA378R37) JUNCTION TEMPERATURE T ( C) j o j -100 -25 0 25 50 75 100 125 -50 0 50 100 150 V =5.4V I =1.5A IN O |
Número de pieza similar - KIA378R30PI |
|
Descripción similar - KIA378R30PI |