Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P0040025 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza P0040025
Descripción Electrónicos  Standard Computer Power Extension Cords, 10A 18AWG (IEC-320-C14 to IEC-320-C13), 2-ft. - 5-Pack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P0040025 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P0040025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P0040025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector A
IEC-320-C14
Connector B
IEC-320-C13
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Número de pieza similar - P0040025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
P004002 E-SWITCH-P004002 Datasheet
118Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400213LA TRIPPLITE-P00400213LA Datasheet
470Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Left Angle IEC-320-C13),2-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
More results

Descripción similar - P0040025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P00400213LA TRIPPLITE-P00400213LA Datasheet
470Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Left Angle IEC-320-C13),2-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com