Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM285-1.2 Datasheet(PDF) 1 Page - Linear Technology

No. de pieza LM285-1.2
Descripción Electrónicos  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LM285-1.2 Datasheet(HTML) 1 Page - Linear Technology

  LM285-1.2_15 Datasheet HTML 1Page - Linear Technology LM285-1.2_15 Datasheet HTML 2Page - Linear Technology LM285-1.2_15 Datasheet HTML 3Page - Linear Technology LM285-1.2_15 Datasheet HTML 4Page - Linear Technology LM285-1.2_15 Datasheet HTML 5Page - Linear Technology LM285-1.2_15 Datasheet HTML 6Page - Linear Technology LM285-1.2_15 Datasheet HTML 7Page - Linear Technology LM285-1.2_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
1
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Portable Meter References
s
Portable Test Instruments
s
Battery Operated Systems
s
Current Loop Instrumentation
s
10
µA to 20mA Operating Range
s
Guaranteed 1% Initial Voltage Tolerance
s
Guaranteed 1
Ω Dynamic Impedance
s
Very Low Power Consumption
Micropower Voltage
Reference
Reverse Voltage Change with Current
The LM185-1.2 is a two terminal band gap reference diode
that has been designed for applications which require
precision performance with micropower operation. The
device provides guaranteed operating specifications at
currents as low as 10
µA. The nominal voltage is 1.235V
with both 1% and 2% tolerances available. Some addi-
tional features are: maximum dynamic impedance of 1
Ω,
low noise and excellent stability over time and tempera-
ture. Advanced design, processing and testing techniques
make Linear’s LM185-1.2 a superior choice over previous
designs. A micropower 5V reference application is shown
below. For guaranteed TC, micropower references, see the
LT1034 data sheet.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Micropower 5V Reference
+
185/285/385 TA01a
V+
V
LM385-1.2
LM334
LT1494
3
2
7
6
4
R
5.6k
150pF
3.01M
1%
1M
1%
VIN
7V TO 15V
5V
REVERSE CURRENT (mA)
10
8
6
4
2
0
–2
0.01
1
10
100
185/285/385 TA01b
0.1
TA = 25°C


Número de pieza similar - LM285-1.2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Descripción similar - LM285-1.2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com