Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XX1001-BD Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza XX1001-BD
Descripción Electrónicos  Doubler and Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1001-BD Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XX1001-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Doubler and Power Amplifier
18.0-21.0/36.0-42.0 GHz
XX1001-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Typical Performance Curves
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
37
37.5
38
38.5
39
39.5
40
Pout @2f in
Pout @f in
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
-10 -9 -8 -7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
8
9 10
37.0
37.5
38.0
38.5
39.0
39.5
40.0
10
15
20
25
30
35
P
in=+10 dB m
P
in
=0 dBm
0
2
4
6
8
10
15
20
25
30
35
37-40 GHz
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
-10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 2
3 4
5 6 7 8
9 10
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-10 -9 -8 -7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
8
9 10
0629, RC =R10C12, RF freq (GHz)=37
0629, RC =R10C12, RF freq (GHz)=38
0629, RC =R10C12, RF freq (GHz)=39
0629, RC =R10C12, RF freq (GHz)=40


Número de pieza similar - XX1001-BD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1001-BD-000V MIMIX-XX1001-BD-000V Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-000W MIMIX-XX1001-BD-000W Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-EV1 MIMIX-XX1001-BD-EV1 Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
More results

Descripción similar - XX1001-BD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
   Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com