Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A Datasheet(PDF) 1 Page - A-BRIGHT Inc

No. de pieza A
Descripción Electrónicos  Aluminum PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-BRIGHT [A-BRIGHT Inc]
Página de inicio  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

A Datasheet(HTML) 1 Page - A-BRIGHT Inc

  A_15 Datasheet HTML 1Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
A
Diff No.161
20 mm
Aluminum PCB
Type:HEXAGONAL
1
2006/9/20
+
+
+
Package Dimension:
Notes:
1. All dimensions are in millimeter.
2. An epoxy meniscus may extend about.
1.5mm(0.059") down to the lead
3. Tolerances unless Dimension ±0.25mm.


Número de pieza similar - A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A-1501E ETC-A-1501E Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
A-1501G ETC-A-1501G Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-1501G PARALIGHT-A-1501G Datasheet
187Kb / 9P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-1501H ETC-A-1501H Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
A-1501SR ETC-A-1501SR Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Descripción similar - A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
FMAB-72 SCHURTER-FMAB-72_V01 Datasheet
552Kb / 4P
   AC Filter for PCB Mounting in Flat Aluminum Housing
15.09.2021
FMAB-72 SCHURTER-FMAB-72 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
logo
OptoSupply Internationa...
OSMC57I12GP-R5XME1C1E OPTOSUPPLY-OSMC57I12GP-R5XME1C1E Datasheet
54Kb / 3P
   12PCS Xeon 1 Power LED With aluminum base PCB Module
OSMC57I12GP-XXXME1C1E OPTOSUPPLY-OSMC57I12GP-XXXME1C1E Datasheet
54Kb / 3P
   12PCS Xeon 1 Power LED With aluminum base PCB Module
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
logo
Vishay Barry
RA1000-50-10X BARRY-RA1000-50-10X Datasheet
559Kb / 1P
   Aluminum Nitride
Rev.A 03/26/07
D04Z-50R0J2T-01C36-X BARRY-D04Z-50R0J2T-01C36-X Datasheet
182Kb / 1P
   ALUMINUM NITRIDE
Rev. A 04/18/08
RA1000-50-13X BARRY-RA1000-50-13X Datasheet
561Kb / 1P
   Aluminum Nitride
Rev.A 03/26/07
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com