Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148WU Datasheet(PDF) 1 Page - TAITRON Components Incorporated

No. de pieza 1N4148WU
Descripción Electrónicos  Two Terminals SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4148WU Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N4148WU Datasheet HTML 1Page - TAITRON Components Incorporated 1N4148WU Datasheet HTML 2Page - TAITRON Components Incorporated 1N4148WU Datasheet HTML 3Page - TAITRON Components Incorporated 1N4148WU Datasheet HTML 4Page - TAITRON Components Incorporated 1N4148WU Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH
1N4148WU
Two Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diode
Features
• Fast switching speed
• Electrically identical to standard JEDEC
• Surface mount package ideally suited for automatic insertion
• RoHS compliant
Mechanical Data
Case:
SOD-723, plastic case
Terminals:
Solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
Approx. 0.00077 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4148WU
Unit
Conditions
Marking Code
BH
VRM
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
VRMS
RMS Voltage
50
V
VDC
Maximum DC Blocking Voltage
75
V
IF(AV)
Maximum Average Forward Current
150
mA
TA=25 °C
IFSM
Non-repetitive Peak Forward Surge Current,
t=0.01ms, Square Wave
4
A
PD
Total Power Dissipation Derate above 25 °C
200
mW
RthJA
Typical Thermal Resistance, Junction to Ambient
635
° C/W
TJ,
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
° C
SOD-723


Número de pieza similar - 1N4148WU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Yangzhou yangjie electr...
1N4148W YANGJIE-1N4148W Datasheet
638Kb / 4P
   Small-Signal Fast Switching Diodes
logo
Texas Instruments
1N4148W TI1-1N4148W Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
TAITRON Components Inco...
1N4148W TAITRON-1N4148W Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Descripción similar - 1N4148WU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-400WU TAITRON-TWD4148-400WU Datasheet
185Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WS TAITRON-TWD160WS Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WU TAITRON-TWD400WU Datasheet
190Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com