Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD16364 Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza PD16364
Descripción Electrónicos  160-BIT HIGH-VOLTAGE CMOS DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16364 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD16364_15 Datasheet HTML 4Page - Renesas Technology Corp PD16364_15 Datasheet HTML 5Page - Renesas Technology Corp PD16364_15 Datasheet HTML 6Page - Renesas Technology Corp PD16364_15 Datasheet HTML 7Page - Renesas Technology Corp PD16364_15 Datasheet HTML 8Page - Renesas Technology Corp PD16364_15 Datasheet HTML 9Page - Renesas Technology Corp PD16364_15 Datasheet HTML 10Page - Renesas Technology Corp PD16364_15 Datasheet HTML 11Page - Renesas Technology Corp PD16364_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet S14000EJ2V0DS
6
µµµµ PD16364
5. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Rating
Unit
Logic Part Supply Voltage
VDD1
–0.5 to +6.0
V
Driver Part Supply Voltage
VDD2
–0.5 to +60
V
Logic Part Input Voltage
VI1
–0.5 to VDD1 + 0.5
V
Logic Part Output Voltage
VO1
–0.5 to VDD1 + 0.5
V
Driver Part Output Voltage
VO2
–0.5 to VDD2 + 0.5
V
Logic Part Output Current
IO1
±10
mA
Driver Part Output Current
IO2
±25
mA
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +125
°C
Cautions 1. TA
≥≥≥≥ 25°C , load should be alleviated at a rate of –4.5 mW/°C.
2. Product qualify may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA = –40 to +85°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic Part Supply Voltage
VDD1
4.5
5.0
5.5
V
Driver Part Supply Voltage
VDD2
20
55
V
High-Level Input Voltage
VIH
0.8 VDD1
VDD1
V
Low-Level Input Voltage
VIL
00.2 VDD1
V
IOL2
+20
mA
Driver Part Output Current
IOH2
−20
mA
Caution Turn of and off power sequence must be as follows:
Turn-on sequence: VDD1
→ Input →
→ VDD2
Turn-off sequence: VDD2
→ Input →
→VDD1


Número de pieza similar - PD16364_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
PD16315 RENESAS-PD16315_15 Datasheet
242Kb / 23P
   1/4- to 1/12-DUTY FIPTM(VFD) CONTROLLER/DRIVER
PD16326A RENESAS-PD16326A_15 Datasheet
183Kb / 14P
   32-BIT FLUORESCENT DISPLAY TUBE DRIVER
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
More results

Descripción similar - PD16364_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD16364 NEC-UPD16364 Datasheet
108Kb / 16P
   160-BIT HIGH-VOLTAGE CMOS DRIVER
UPD16306A NEC-UPD16306A Datasheet
524Kb / 15P
   64-BIT HIGH-VOLTAGE CMOS DRIVER
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com