Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD16707A Datasheet(PDF) 11 Page - Renesas Technology Corp

No. de pieza PD16707A
Descripción Electrónicos  263/256-OUTPUT TFT-LCD GATE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16707A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16707A_15 Datasheet HTML 7Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 8Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 9Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 10Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 11Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 12Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 13Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 14Page - Renesas Technology Corp PD16707A_15 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet S16563EJ1V0DS
9
µ PD16707A
Switching Characteristics (TA = –20 to +75
°C, VDD1 = 2.3 to 3.6 V, VDD2 = 20 V, VEE = –5 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Cascade Output Delay Time
tPHL1
CL = 20 pF,
500
ns
tPLH1
CLKR (CLKL)
→ STVL (STVR)
500
ns
tPHL2
500
ns
tPLH2
CL = 300 pF, CLKR (CLKL)
→ On
500
ns
tPHL3
500
ns
Driver Output Delay Time
tPLH3
CL = 300 pF, OER (OEL)
→ On
500
ns
Output Rise Time
tTLH
CL = 300 pF
800
ns
Output Fall Time
tTHL
800
ns
Input Capacitance
CI
TA = 25
°C
15
pF
Timing Requirements (TA =
−20 to +75°C, VDD1 = 2.3 to 3.6 V, VDD2 = 20 V, VEE = −5 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse High Width
PWCLK(H)
500
ns
Clock Pulse Low Width
PWCLK(L)
500
ns
Enable Pulse Width
PWOE
1000
ns
Data Setup Time
tSETUP
STVR (STVL)
↑→ CLKR, CLKL↑
200
ns
Data Hold Time
tHOLD
CLKR, CLKL
↑→ STVR (STVL) ↓
200
ns
Remark Unless otherwise specified, the input level is defined to be VIH = 0.8 VDD1, VIL = 0.2 VDD1.
Caution Keep the time and fall time of the logic input to tr = tf = 20 ns (10 to 90% of the rated values).


Número de pieza similar - PD16707A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
PD16707 NEC-PD16707 Datasheet
123Kb / 21P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
More results

Descripción similar - PD16707A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD16705 NEC-UPD16705 Datasheet
70Kb / 12P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0657 SAMSUNG-KS0657 Datasheet
110Kb / 16P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
S6C0657 SAMSUNG-S6C0657 Datasheet
116Kb / 15P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
[Old version datasheet]   256-OUTPUT TFT GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com