Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD16781 Datasheet(PDF) 11 Page - Renesas Technology Corp

No. de pieza PD16781
Descripción Electrónicos  480 OUTPUT TFT-LCD SOURCE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16781 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16781_15 Datasheet HTML 7Page - Renesas Technology Corp PD16781_15 Datasheet HTML 8Page - Renesas Technology Corp PD16781_15 Datasheet HTML 9Page - Renesas Technology Corp PD16781_15 Datasheet HTML 10Page - Renesas Technology Corp PD16781_15 Datasheet HTML 11Page - Renesas Technology Corp PD16781_15 Datasheet HTML 12Page - Renesas Technology Corp PD16781_15 Datasheet HTML 13Page - Renesas Technology Corp PD16781_15 Datasheet HTML 14Page - Renesas Technology Corp PD16781_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DataSheet S14634EJ1V0DS
9
µµµµ PD16781
7. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°°°°C, VSS1 =VSS2 = 0 V)
Parameter
Symbol
Rating
Unit
Logic Part Supply Voltage
VDD1
−0.3 to +7.0
V
Driver Part Supply Voltage
VDD2
−0.3 to +7.0
V
Input Voltage
VI
−0.3 to VDD1/2 + 0.3
V
Output Voltage
VO
−0.3 to VDD1/2 + 0.3
V
Operating Ambient Temperature
TA
−30 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA =
−−−−30 to +85
°°°°C, VDD2 ≥≥≥≥ VDD1, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic Part Supply Voltage
VDD1
3.0
5.5
V
Driver Part Supply Voltage
VDD2
4.5
5.0
5.5
V
Video Input Voltage
VVI
VSS2 + 0.2
VDD2
− 0.2
V
Driver Part Output Voltage
VO2
VSS2 + 0.2
VDD2
− 0.2
V
Clock Frequency
fCLK
CLK1 to CLK3
20
MHz
Output Load Capacitance
CL
1 output
50
pF


Número de pieza similar - PD16781_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
   300 OUTPUT TFT-LCD SOURCE DRIVER
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
   288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16782A RENESAS-PD16782A_15 Datasheet
389Kb / 29P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
More results

Descripción similar - PD16781_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
KS0676 SAMSUNG-KS0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com