Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD16814 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza PD16814
Descripción Electrónicos  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16814 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PD16814_15 Datasheet HTML 1Page - Renesas Technology Corp PD16814_15 Datasheet HTML 2Page - Renesas Technology Corp PD16814_15 Datasheet HTML 3Page - Renesas Technology Corp PD16814_15 Datasheet HTML 4Page - Renesas Technology Corp PD16814_15 Datasheet HTML 5Page - Renesas Technology Corp PD16814_15 Datasheet HTML 6Page - Renesas Technology Corp PD16814_15 Datasheet HTML 7Page - Renesas Technology Corp PD16814_15 Datasheet HTML 8Page - Renesas Technology Corp PD16814_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
µPD16814
2
BLOCK DIAGRAM
CONTROL
CIRCUIT 1
“H”
BRIDGE 1
CONTROL
CIRCUIT 2
6
IN1
8
IN2
11
SEL
7
IN3
10
IN4
9
DGND
14
PGND2
5
VDD
13
4
15
2
3
1
VM
+
2B
2A
VM2
PGND1
1B
1A
VM1
“H”
BRIDGE 2
12
FUNCTION TABLE
• In Stop mode (SEL = High)
Excitation Direction
IN1
IN2
IN3
IN4
H1
H2
——
LLLL
S
S
H2R
LLL
H
S
R
H2FL
L
H
L
S
F
——
L
L
H
H
S
S
H1RL
H
L
L
R
S
<3>
L
H
L
H
R
R
<2>
L
H
H
L
R
F
H1R
L
HHHR
S
H1F
H
LLL
F
S
<4>
H
L
L
H
F
R
<1>
HL
HL
F
F
H1FH
L
H
H
F
S
——
H
H
L
L
S
S
H2RH
H
L
H
S
R
H2F
HHH
L
S
F
——
HHHH
S
S
H1 F
H1 R
H2 RH2 F
<4><1>
<3><2>


Número de pieza similar - PD16814_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Descripción similar - PD16814_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com