Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD16754 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza PD16754
Descripción Electrónicos  384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16754 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD16754_15 Datasheet HTML 1Page - Renesas Technology Corp PD16754_15 Datasheet HTML 2Page - Renesas Technology Corp PD16754_15 Datasheet HTML 3Page - Renesas Technology Corp PD16754_15 Datasheet HTML 4Page - Renesas Technology Corp PD16754_15 Datasheet HTML 5Page - Renesas Technology Corp PD16754_15 Datasheet HTML 6Page - Renesas Technology Corp PD16754_15 Datasheet HTML 7Page - Renesas Technology Corp PD16754_15 Datasheet HTML 8Page - Renesas Technology Corp PD16754_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2001
DATA SHEET
384-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 256-GRAY SCALES)
MOS INTEGRATED CIRCUIT
µµµµPD16754
Document No. S16434EJ1V0DS00 (1st edition)
Date Published April 2003 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PD16754 is a source driver for TFT-LCDs capable of dealing with displays with 256-gray scales. Data input
is based on digital input configured as 8 bits by 6 dots (2 pixels), which can realize a full-color display of 16,777,216
colors by output of 256 values
γ -corrected by an internal D/A converter and 8-by-2 external power modules.
Because the output dynamic range is as large as VDD2
− 0.2 V to VSS2 + 0.2 V, level inversion operation of the
LCD’s common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion
and column line inversion when mounted on a single side, this source driver is equipped with a built-in 8-bit D/A
converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing
polarity. Assuring a clock frequency of 40 MHz when driving at 3.0 V, this driver is applicable to XGA-standard TFT-
LCD panels and SXGA TFT-LCD panels.
FEATURES
• CMOS level input
• 384 Outputs
• Input of 8 bits (gradation data) by 6 dots
• Capable of outputting 256 values by means of 8-by-2 external power modules (16 units) and a D/A converter
• Logic power supply voltage (VDD1): 3.0 to 3.6 V
• Driver power supply voltage (VDD2): 8.5 to 9.5 V
• Output dynamic range VDD2
− 0.2 V to VSS2 + 0.2 V
• High-speed data transfer: fCLK = 40 MHz MAX. (internal data transfer speed when operating at VDD1
= 3.0 V)
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output Voltage polarity inversion function (POL)
• Display data inversion function (POL21, POL22)
ORDERING INFORMATION
Part Number
Package
µ PD16754N - ×××
TCP (TAB package)
Remark The TCP’s external shape is customized. To order the required shape, please contact one of our sales
representatives.


Número de pieza similar - PD16754_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results

Descripción similar - PD16754_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16750 NEC-UPD16750 Datasheet
188Kb / 9P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 256-GRAY SCALES
logo
Renesas Technology Corp
PD16721 RENESAS-PD16721_15 Datasheet
336Kb / 30P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com