Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FML34S Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No. de pieza FML34S
Descripción Electrónicos  Inversion Welder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Página de inicio  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FML34S Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FML34S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FML34S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. FML34S Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS
TC
ELECTRICAL CHARACTERISTICS
T
=25°C unless otherwise specified
C =25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
V
Maximum D.C. Reverse Voltage
R
400
V
V
Maximum Repetitive Reverse Voltage
RRM
400
V
I
Average Forward Current
F(AV)
TC
10
=110°C, Per Diode
A
TC
20
=110°C, Per Package
A
I
RMS Forward Current
F(RMS)
TC
14
=110°C, Per Diode
A
I
Non-Repetitive Surge Forward Current
FSM
TJ
100
=45°C, t=10ms, 50Hz, Sine
A
P
Power Dissipation
D
83
W
T
Junction Temperature
J
-40 to +150
°C
T
Storage Temperature Range
STG
-40 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
R
Thermal Resistance
θJC
Junction-to-Case
1.5
°C /W
Weight
6
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
Reverse Leakage Current
RM
VR
--
=400V
--
15
µA
VR=400V, TJ
--
=125°C
--
250
µA
V
Forward Voltage
F
IF
--
=10A
1.00
--
V
IF=10A, TJ
--
=125°C
0.87
--
V
t
Reverse Recovery Time
rr
IF=1A, VR=30V, diF
--
/dt=-2
00A/μs
20
--
ns
t
Reverse Recovery Time
rr
VR=200V, IF=10A
diF/dt=-2
00A/μs, TJ
--
=25°C
25
--
ns
I
Max. Reverse Recovery Current
RRM
--
2.2
--
A
t
Reverse Recovery Time
rr
VR=200V, IF=10A
diF/dt=-2
00A/μs, TJ
--
=125°C
46
--
ns
I
Max. Reverse Recovery Current
RRM
--
5.5
--
A
®
FML34S
Pb Free Plating Product
FML34S
20 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
Pb
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
FML34S using the lastest FRED FAB process(planar passivation chip) with ultrafast and soft recovery characteristic.
TO-247AD/TO-3P
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
Anode
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05


Número de pieza similar - FML34S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
FML34S THINKISEMI-FML34S Datasheet
1,013Kb / 3P
   20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Descripción similar - FML34S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
L4204S THINKISEMI-L4204S Datasheet
690Kb / 3P
   Inversion Welder
MM4202 THINKISEMI-MM4202 Datasheet
758Kb / 3P
   Inversion Welder
L4202S THINKISEMI-L4202S Datasheet
690Kb / 3P
   Inversion Welder
RHRG60120 THINKISEMI-RHRG60120 Datasheet
670Kb / 3P
   Inversion Welder
MM60F120B THINKISEMI-MM60F120B Datasheet
671Kb / 3P
   Inversion Welder
MUR8120 THINKISEMI-MUR8120 Datasheet
626Kb / 3P
   Inversion Welder
FMG34S THINKISEMI-FMG34S Datasheet
607Kb / 3P
   Inversion Welder
MM15FU120K THINKISEMI-MM15FU120K Datasheet
690Kb / 3P
   Inversion Welder
MM10FU120K THINKISEMI-MM10FU120K Datasheet
702Kb / 3P
   Inversion Welder
MM4204 THINKISEMI-MM4204 Datasheet
761Kb / 3P
   Inversion Welder
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com