Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT400D Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BAT400D
Descripción Electrónicos  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400D Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT400D_15 Datasheet HTML 1Page - Diodes Incorporated BAT400D_15 Datasheet HTML 2Page - Diodes Incorporated BAT400D_15 Datasheet HTML 3Page - Diodes Incorporated BAT400D_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT400D
Document number: DS30182 Rev. 16 - 2
2 of 4
www.diodes.com
April 2015
© Diodes Incorporated
BAT400D
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Current
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Power Dissipation (Note 6)
PD
480
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 6)
RJA
220
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +125
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
40
V
IR = 1mA
Forward Voltage
VF
285
480
300
550
mV
IF = 10mA
IF = 500mA
Reverse Current (Note 7)
IR
1.0
2.0
30
50
µA
µA
VR = 10V
VR = 30V
Total Capacitance
CT
125
20

pF
pF
VR = 0V, f = 1.0MHz
VR = 10V, f = 1.0MHz
Notes:
6.
Part mounted on 1-inch sq. 2oz copper pad.
7.
Short duration pulse test used to minimize self-heating effect.
10
1
100
1,000
.001
0
0.60
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.10
0.20
0.30
0.40
0.50
.01
.1
1m
10m
0
10
20
25
35
40
15
5
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = +25°C
A
T = +75°C
A
T = +125°C
A


Número de pieza similar - BAT400D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D_16 Datasheet
260Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Descripción similar - BAT400D_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
   0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D Datasheet
63Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com