Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4448W Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4448W
Descripción Electrónicos  400mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448W Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4448W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4448W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
PART NO.
Note 1: "xxxx" is device code from 1N4148W to 1N914BW
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
B
3.30
3.90
0.130
0.154
C
0.50
0.70
0.020
0.028
D
2.50
2.70
0.098
0.106
E
0.80
1.15
0.031
0.045
F
0.05
0.20
0.002
0.008
C
G
X
X1
Y
1N4148W
D1
1N4448W
D2
1N914BW
D3
Document Number: DS_S1412035
Version: I14
RH
G
Defined manufacture
source
Green compound
1N4148W/1N4448W/1N914BW
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
1NxxxxW
(Note 1)
-xx
(Note 2)
RH
G
SOD-123F
3K / 7" Reel
PACKAGE OUTLINE DIMENSIONS
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
1N4148W-L0 RHG
1N4148W
-L0
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
1.80
0.071
1N4148W RH
1N4148W
RH
1N4148W-B0 RHG
2.86
0.113
1.52
G
Multiple manufacture
source
Green compound
Multiple manufacture
source
4.20
0.165
0.060
1.34
0.053
SOD-123F
-B0
MARKING CODE
1N4148W
RH
G
Defined manufacture
source
Green compound
1N4148W RHG
1N4148W
RH


Número de pieza similar - 1N4448W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
WILLAS ELECTRONIC CORP
1N4448W WILLAS-1N4448W Datasheet
428Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results

Descripción similar - 1N4448W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
   400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com