Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS19 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAS19
Descripción Electrónicos  Surface Mount Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS19 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS19_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS19_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS19_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS19_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Fast switching speed
- Surface mount device type
- High conductance
- For general purpose switching applications
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-23 small outline plastic package
- Weight: 8 ± 0.5 mg
- BAS19 Marking Code: JP
- BAS20 Marking Code: JR
SYMBOL
UNIT
VRM
V
IO
mA
PD
mW
RθJA
oC/W
TJ, TSTG
oC
Electrical Characteristics
SYMBOL
UNIT
CJ
pF
trr
ns
Document Number: DS_S1412038
Version: B14
Reverse Breakdown Voltage
IF = IR = 30 mA , IRR = 0.1 × IR
VR = 0 V , f = 1.0 MHz
IF = 200 mA
IF = 100 mA
BAS20 VR = 150 V
BAS19 VR = 100 V
BAS20 IR = 100 μA
BAS19 IR = 100 μA
50.0
5
1.25
1.0
Reverse Recovery Time
Junction Capacitance
Forward Voltage
MAX
MIN
100
-
-
-
-
150
-
0.1
150
100
-65 to +150
500
250
200
V
VF
μA
IR
Peak Reverse Current
V
VR(BR)
Operating and Storage Temperature Range
PARAMETER
Power Dissipation
Thermal Resistance Junction to Ambient Air
Working Peak Reverse Voltage DC Blocking Voltage
Average Rectifier Output Current
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
BAS19
BAS20
BAS19 / BAS20
Taiwan Semiconductor
Surface Mount Fast Switching Diode
FEATURES
SOT-23
MECHANICAL DATA


Número de pieza similar - BAS19_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
BAS19 DIOTEC-BAS19_1 Datasheet
165Kb / 2P
   SMD Small Signal Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
logo
Diodes Incorporated
BAS19 DIODES-BAS19_11 Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
More results

Descripción similar - BAS19_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com