Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB230S Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SB230S
Descripción Electrónicos  Schottky Barrier Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB230S Datasheet(HTML) 2 Page - Vishay Siliconix

  SB230S Datasheet HTML 1Page - Vishay Siliconix SB230S Datasheet HTML 2Page - Vishay Siliconix SB230S Datasheet HTML 3Page - Vishay Siliconix SB230S Datasheet HTML 4Page - Vishay Siliconix SB230S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB220S, SB230S, SB240S, SB250S, SB260S
www.vishay.com
Vishay General Semiconductor
Revision: 20-Jan-14
2
Document Number: 88951
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to lead P.C.B. mounted 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB220S
SB230S
SB240S
SB250S
SB260S
UNIT
Typical thermal resistance
RJA (1)
75
°C/W
RJL (1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB240S-E3/54
0.346
54
5500
13" diameter paper tape and reel
SB240S-E3/73
0.346
73
3000
Ammo pack packaging
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
SB220S to SB240S
SB250S
and SB260S
Number of Cycles at 60 Hz
50
40
30
20
10
0
1
10
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Instantaneous Forward Voltage (V)
0
100
0.01
0.1
1
10
1.6
1.0
0.8
0.6
0.4
0.2
1.4
1.2
SB220S to SB240S
SB250S and SB260S
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
100
10
1
0.1
0.01
0.001
0
20
40
60
80
100
SB220S to SB240S
SB250S and SB260S
T
J = 125 °C
T
J = 25 °C


Número de pieza similar - SB230S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SB230S EIC-SB230S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Won-Top Electronics
SB230S WTE-SB230S Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SB230S VISHAY-SB230S Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
EIC discrete Semiconduc...
SB230S EIC-SB230S Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB230S VISHAY-SB230S Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results

Descripción similar - SB230S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
20SQ020 DACHANG-20SQ020 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB320 DACHANG-SB320 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB2150 DACHANG-SB2150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
20SQ020 DACHANG-20SQ020_15 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB120 DACHANG-SB120_15 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB220 DACHANG-SB220_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
1N5817 DACHANG-1N5817_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_V01 Datasheet
75Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB220 VISHAY-SB220_V01 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB340-E3 VISHAY-SB340-E3 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com