Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103BWS-G3-18 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SD103BWS-G3-18
Descripción Electrónicos  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103BWS-G3-18 Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103BWS-G3-18 Datasheet HTML 1Page - Vishay Siliconix SD103BWS-G3-18 Datasheet HTML 2Page - Vishay Siliconix SD103BWS-G3-18 Datasheet HTML 3Page - Vishay Siliconix SD103BWS-G3-18 Datasheet HTML 4Page - Vishay Siliconix SD103BWS-G3-18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
1
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.0 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN
junction guardring
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing, and coupling diodes for fast
switching and low logic level applications
• Other
applications
are
click
suppression,
efficient full wave bridges in telephone subsets,
and blocking diodes in rechargeable low voltage
battery systems
• For general purpose applications
• AEC-Q101 qualified available
• Base P/N-G3 - green, commercial grade
• Base P/N-HG3 - green, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
SD103AWS-G
SD103AWS-G3-08 or SD103AWS-G3-18
Single diode
Z6
Tape and reel
SD103AWS-HG3-08 or SD103AWS-HG3-18
SD103BWS-G
SD103BWS-G3-08 or SD103BWS-G3-18
Single diode
Z7
SD103BWS-HG3-08 or SD103BWS-HG3-18
SD103CWS-G
SD103CWS-G3-08 or SD103CWS-G3-18
Single diode
Z8
SD101CWS-HG3-08 or SD101CWS-HG3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD103AWS-G
VRRM
40
V
SD103BWS-G
VRRM
30
V
SD103CWS-G
VRRM
20
V
Forward continuous current (1)
IF
350
mA
Single cycle surge
10 μs square wave
IFSM
2A
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
500
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
-55 to +125
°C
Storage temperature range
Tstg
-55 to +150
°C


Número de pieza similar - SD103BWS-G3-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SD103BWS-G SENSITRON-SD103BWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
More results

Descripción similar - SD103BWS-G3-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com