Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SAW8WA2A Datasheet(PDF) 5 Page - Seoul Semiconductor

No. de pieza SAW8WA2A
Descripción Electrónicos  White colored SMT package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8WA2A Datasheet(HTML) 5 Page - Seoul Semiconductor

  SAW8WA2A Datasheet HTML 1Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 2Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 3Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 4Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 5Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 6Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 7Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 8Page - Seoul Semiconductor SAW8WA2A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
REV.02
REV.02
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-12 (Rev.01)
5
5
2. Characteristics of SAW8WA2A
(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage*
VF
IF=40mA
30.0
32.5
34.5
V
Reverse Voltage
VR
IR=10mA
0.7
-
-
V
Luminous Intensity*
[1]
(3700~7000K)
Iv
IF=40mA
-
40
(132)
-
cd
(lm)
Luminous Intensity*
[1]
(2600~3700K)
Iv
IF=40mA
30.0
37.5
(124)
-
Color Correlated
Temperature
CCT
IF=40mA
2,600
-
7,000
K
Viewing Angle
[2]
1/2
IF=40mA
-
120
-
deg.
Color Rendering
Index*
Ra
IF=40mA
80
82
90
-
ESD (HBM)
1.5kΩ;100
pF
6
-
-
KV
Thermal resistance
[3]
RthJS
IF=40mA
-
23
-
K/W
[1] The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned
with the mechanical axis of the LED package.
[2] 2Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[3] Thermal resistance: RthJS (Junction / solder)
* Tolerance : VF :±4%, IV :±7%, Ra :±2, x,y :±0.01
[Note] All measurements were made under the standardized environment of SSC.
Absolute Maximum Ratings
Electro-Optical characteristics
Parameter
Symbol
Value
Unit
Power Dissipation *
[1]
Pd
1.55
W
Forward Current
IF
45
mA
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Junction Temperature
Tj
125
[1] Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
* LED’s properties might be different from suggested values like above and below tables if operation condition
will be exceeded our parameter range.


Número de pieza similar - SAW8WA2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
   Market Standard 3528 Package Size
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
   High Color Quality, CRI Min. 80
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
   RoHS compliant
More results

Descripción similar - SAW8WA2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
STW8T16C SEOUL-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
SSC-SAW8WA2A SEOUL-SSC-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package.
KWT803 SEOUL-KWT803 Datasheet
2Mb / 17P
   White colored SMT package
SSC-STW8T16C SEOUL-SSC-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
logo
OSRAM GmbH
GW-P9LMS1.EM OSRAM-GW-P9LMS1.EM Datasheet
656Kb / 23P
   white SMT package, colored diffused
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
   white SMT package, colored diffused
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
   white SMT package, colored silicone resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
   white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com