Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42R0G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAT42R0G
Descripción Electrónicos  Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42R0G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT42R0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Small Signal Product
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1412008
Version: C14
BAT42 / BAT43
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Número de pieza similar - BAT42R0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
   SILICON PLANAR SCHOTTKY DIODES
logo
Pan Jit International I...
BAT42 PANJIT-BAT42 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
EIC discrete Semiconduc...
BAT42 EIC-BAT42 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Descripción similar - BAT42R0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BAT42 TSC-BAT42 Datasheet
63Kb / 2P
   200 mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
BAS85 TSC-BAS85_14 Datasheet
192Kb / 3P
   Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
   200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
Tak Cheong Electronics ...
TCBAT42 TAK_CHEONG-TCBAT42 Datasheet
68Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT85 TAK_CHEONG-TCBAT85 Datasheet
67Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com